PART |
Description |
Maker |
C8051F132 |
100 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
ATTINY28L_V ATTINY28L ATTINY28V |
2K Flash Program Memory, 128 Bytes SRAM ( 32bytes register file), Keyboard interrupt. Up to 1 MIPS throughput at 1 MHz. 1.8 Volt operation 2K Flash Program Memory, 128 Bytes SRAM ( 32bytes register file), Keyboard interrupt. Up to 4 MIPS throughput at 4 MHz From old datasheet system
|
Atmel
|
C8051F351 |
50 MIPS, 8 kB Flash, 24-Bit ADC, 28-Pin Mixed-Signal MCU 8-BIT, FLASH, 50 MHz, MICROCONTROLLER, QCC28
|
Silicon Laboratories, Inc.
|
AM29LV128ML103PCI AM29LV128MH103PCI AM29LV128MH/L |
Am29LV128MH/L - 128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 8M X 16 FLASH 3V PROM, 100 ns, PDSO56 128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 8M X 16 FLASH 3V PROM, 110 ns, PDSO56 128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 8M X 16 FLASH 3V PROM, 110 ns, PBGA64 128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit?3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
|
Advanced Micro Devices, Inc.
|
29PL256N S29PL129N70GAW003 S29PL256N65GFWW03 |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 70 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 65 ns, PBGA84
|
Spansion Inc. Spansion, Inc.
|
C8051F302 C8051F301 C8051F300 C8051F303 |
25 MIPS,8k Flash,256 Ram,8bit ADC,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,8ADC,11 MCU) 25 MIPS的,8K闪存56公羊位ADC1引脚微控制器5 MIPS的,8K的闪速存储器56公羊位ADC1脚微控制器) 25 MIPS,8k Flash,256 Ram,2% Osc,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,2% Osc,11 MCU) 25 MIPS的,8K闪存56 RAM个%振荡1引脚微控制器5 MIPS的,8K的闪速存储器56,羊%的振荡1脚微控制器) 25 MIPS,8k Flash,256 Ram,8bit ADC,2% Osc,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,8ADC,2% Osc,11 MCU) 25 MIPS的,8K闪存56公羊位ADC%的振荡1引脚微控制器5 MIPS的,8K的闪速存储器56公羊位ADC%的振荡1脚微控制器) 25 MIPS,8k Flash,256 Ram,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,11 MCU) 25 MIPS的,8K闪存56,羊1引脚微控制器5 MIPS的,8K的闪速存储器56,羊1脚微控制器)
|
Connex See Service, Inc.
|
C8051F000 C8051F005 C8051F007 C8051F012 C8051F001 |
20 MIPS,32k Flash,256 Ram,12bit ADC,64 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,12ADC,64 MCU) 20 MIPS,32k Flash,256 Ram,10bit ADC,32 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,10ADC,32 MCU) 20 MIPS,32k Flash,256 Ram,12bit ADC,32 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,12ADC,32 MCU) 25 MIPS,32k Flash,2.25k Ram,10bit ADC,64 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,10ADC,64 MCU) 20 MIPS,32k Flash,256 Ram,10bit ADC,48 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,10ADC,48 MCU) 25 MIPS,32k Flash,2.25k Ram,10bit ADC,48 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,10ADC,48 MCU) 20 MIPS,32k Flash,256 Ram,12bit ADC,48 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,12ADC,48 MCU) 20 MIPS的,32K闪存56羊,12位ADC8引脚微控制器0 MIPS的,32K的闪速存储器56,羊2位ADC8脚微控制器) 25 MIPS,32k Flash,2.25k Ram,12bit ADC,32 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,12ADC,32 MCU) 25 MIPS的,32K闪存.25k羊,12位ADC2引脚微控制器5 MIPS的,32K的闪速存储器.25k羊,12位ADC2脚微控制器) 25 MIPS,32k Flash,2.25k Ram,12bit ADC,64 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,12ADC,64 MCU) 25 MIPS的,32K闪存.25k羊,12位ADC4引脚微控制器5 MIPS的,32K的闪速存储器.25k羊,12位ADC4脚微控制器) 25 MIPS,32k Flash,2.25k Ram,12bit ADC,48 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,12ADC,48 MCU) 25 MIPS的,32K闪存.25k羊,12位ADC8引脚微控制器5 MIPS的,32K的闪速存储器.25k羊,12位ADC8脚微控制器) 20 MIPS,32k Flash,256 Ram,10bit ADC,64 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,10ADC,64 MCU) 20 MIPS的,32K闪存56羊,10位ADC4引脚微控制器0 MIPS的,32K的闪速存储器56,羊0位ADC4脚微控制器)
|
Cygnal Technologies Connex See Service, Inc.
|
ATTINY15L ATTINY15L-1PC ATTINY15L-1PI ATTINY15L-1S |
8-bit AVR Microcontroller with 1K Byte Flash 1-Kbyte In-System programmable Flash Program Memory, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 1.6 MIPS throughput at 1.6 MHz. 3-volt operation
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
AM29LV001BB-45RFI AM29LV001BB-45RFIB AM29LV001BB-4 |
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1兆位28亩8位)的CMOS 3.0伏,只引导扇区闪 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 64KX16,TSOP(II)44,IND,SRAM
|
http:// Advanced Micro Devices, Inc.
|
AM29F010B-90EK AM29F010B-45EC AM29F010B-45PC AM29F |
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 90 ns, PDSO32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 45 ns, PDSO32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 45 ns, PDIP32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PDSO32 15V Single Output Isolated DC/DC Converter 128K X 8 FLASH 5V PROM, 120 ns, PDIP32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PQCC32 128K X 8 FLASH 5V PROM, 90 ns, PDIP32
|
Spansion, Inc. SPANSION LLC
|
LPC2104BBD48 LPC2105BBD48 LPC2106BBD48 LPC2106FHN4 |
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP48
|
Philips NXP Semiconductors N.V.
|
|